Part Number Hot Search : 
2SA1884 A05000 2SC5895 HVD374B S5MCF T3043 815SR 4D181M
Product Description
Full Text Search
 

To Download Z0109NA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  parameter symbol typ unit z01xxma z01xxna repetitive peak off-state voltages v drm v rrm 600 800 v rms on-state current i t(rms) 1.0 a non-repetitive peak on-state current i tsm 8.0 a max. operating junction temperature t j 110 o c storage temperature t stg -45~150 o c z01xxma / z01xxna general description parameter symbol test conditions min typ max unit z01xxma z01xxna repetitive peak off-state voltages v drm v rrm 600 800 v rms on-state current i t(rms) all conduction angles 1.0 a on-state voltage v t i t =1.4 a 1.56 v 1a triacs the z01 series is suitable for general purpose ac switching applications. they can be found in applications such as home appliances (electrovalve, pump, door lock, small lamp control), fan speed controllers,... different gate current sensitivities are available, allowing optimized performances when controlled directly from microcontrollers. product specification to-92 tables 1: absolute maximum ratings tables 2: electrical characteristics ( ta = 25 c) o ( ta = 25 c) o parameter symbol test conditions quadrant z01 unit 03 07 09 gate trigger current i gt v d =12v r l =30 i - ii - iii max 3.0 5.0 10 ma iv max 5.0 7.0 10 gate trigger voltage v gt v d =12v r l =30 all max 1.3 v latching current i l i g =1.2 i gt i - iii - iv max 7.0 10 15 ma ii max 15 20 25 holding current i h i t = 50 ma max 7.0 10 10 ma tables 3: electrical characteristics ( ta = 25 c) o tiger electronic co.,ltd


▲Up To Search▲   

 
Price & Availability of Z0109NA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X